PART |
Description |
Maker |
CY8CMBR3102-SX1I CY8CMBR3116-LQXI CY8CMBR3106S-LQX |
CapSenseExpressControllers With SmartSenseAuto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
|
Cypress
|
SML-LX2832DRC-TR |
2.8mm x 3.2nm SURFACE MOUNT LED WIT REFLECTOR
|
LUMEX INC.
|
W25Q80BVSSIG W25Q80BVSNIG W25Q80BVUXIG W25Q80BVZPI |
8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
|
Winbond
|
0473913000 47391-3000 |
1.27mm (.050) Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount,Right Angle, Unmating Height 5.35mm (.211), Gold (Au) Flash, 7 Circuits, with Vacuum Pick-Up Tape 1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount,Right Angle, Unmating Height 5.35mm (.211"), Gold (Au) Flash, 7 Circuits, wit
|
Molex Electronics Ltd.
|
0714362164 71436-2164 |
1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329") Unmated Height, with PCB Locator Pegs, wit 1.00mm (.039) Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329) Unmated Height, with PCB Locator Pegs, without
|
Molex Electronics Ltd.
|
0714362364 71436-2364 |
1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329") Unmated Height, with PCB Locator Pegs, wit 1.00mm (.039) Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329) Unmated Height, with PCB Locator Pegs, with
|
Molex Electronics Ltd.
|
M38278E4MXXXFP M38274E5MXXXHP M38278M5MXXXHP M3827 |
SX Series Subminiature Basic Switch, Single Pole Double Throw Circuitry, 1 A at 125 Vac, Pin Plunger Actuator, Solder Termination, Military Part Number MS24547-6 LACING ANCHOR WIT 18,30 .031,1 Single Chip 8 Bits Microcomputer(8位单片机) Frame for modules; Series:Han 16B; Number of Contacts:4; Gender:Male; For Use With:Hinged frame Han Modular; Connector Type:Hinged frame for 4 modules, for housings (base) Enclosed Switches Series LS: Top Roller Plunger; 2NC 2NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Compact/Non-Plug-in 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/4 Ch. 16-TSSOP 0 to 70 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 8-SOIC -40 to 125 Automotive Catalog 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power 16-SOIC Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 14-HTSSOP -40 to 125 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 5-SOT-23 -40 to 125 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 14-SOIC -40 to 125 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/8 Ch. 20-SOIC 0 to 70 CA-BAYONET Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 8-SOIC -40 to 85 SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 14-PDIP 0 to 70 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 16-TSSOP 0 to 70 DIN Audio Connector; No. of Contacts:6; Mounting Type:Cable; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single, Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 6-SOT-23 -40 to 125 Single Low-Power Rail-to-Rail Input/Output Op Amp 8-PDIP -40 to 125 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-MSOP -40 to 125 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-SOIC 0 to 70 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 12-Bit 66 kSPS ADC Ser. Out, Pgrmable Pwrdn, MSB/LSB First, Built-In Self-Test Mode, 11 Ch. 20-PDIP 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp with Shutdown 14-SOIC -40 to 125 ADAPTER USB-SERIAL DB9/25 MALE RES-ARRAY 10-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 8-PDIP 0 to 70 Automotive Catalog Advanced LinCMOS Rail-to-Rail Output Wide-Input-Voltage Operational Amplifiers 14-TSSOP -40 to 125 Dual Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 10-MSOP 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-SOIC 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 8-SOIC 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 14-SOIC 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 8-SOIC 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-MSOP 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 5-SOT-23 0 to 70 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier 8-MSOP 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP 0 to 70 POT 200K OHM 1/2 SQ CERM SL MT SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/4 Ch. 16-SOIC -40 to 85 单芯位CMOS微机 EATON 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 10-MSOP -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp 5-SOT-23 -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp with Shutdown 8-SOIC -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp with Shutdown 6-SOT-23 -40 to 125 单芯位CMOS微机 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 单芯CMOS微机 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifiers 14-TSSOP -40 to 125 单芯CMOS微机 800 uA/ch, 11Mhz, RRO, Low Voltage, Quad Channel Op Amp with Shutdown 16-TSSOP -40 to 125 单芯位CMOS微机 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier 14-TSSOP 0 to 70 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier 8-PDIP 0 to 70 单芯位CMOS微机 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 14-SOIC -40 to 125 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp 14-TSSOP -40 to 125 单芯位CMOS微机 MICA RoHS Compliant: No 单芯位CMOS微机 Automotive Catalog Low-Power Rail-to-Rail Input/Output Operational Amplifier with Shutdown 8-TSSOP -40 to 125 单芯位CMOS微机 Silver Mica Capacitor; Capacitance:2000pF; Capacitance Tolerance: 2%; Series:CM06; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No 单芯位CMOS微机 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 16-TSSOP 0 to 70 单芯位CMOS微机 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp with Shutdown 10-MSOP -40 to 125 单芯位CMOS微机 CONN HEADER 6POS SGL PCB 30GOLD 单芯位CMOS微机 Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 6-SOT-23 0 to 70 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Single Low-Power Rail-to-Rail Input/Output Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp 14-PDIP 0 to 70 单芯位CMOS微机 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 16-SOIC -40 to 125 单芯位CMOS微机 Quad Low-Power Rail-to-Rail Input/Output Op Amp w/Shutdown 16-HTSSOP -40 to 125 单芯位CMOS微机 1-mA/CH, 9-MHz, RRO Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 Dual Low-Power Rail-to-Rail Input/Output Op Amp w/Shutdown 14-SOIC -40 to 125 单芯位CMOS微机 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Absolute, flush mount with flange, 10 Vdc excitation 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 Single Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP -40 to 125 Single, Low Power, Rail-to-Rail Input/Output Operational Amplifier 8-CDIP -55 to 125 Single 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 8-SOIC 0 to 70 Single Low-Power Rail-to-Rail Input/Output Op Amp 5-SOT-23 -40 to 125 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP -40 to 125 Automotive Catalog 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power 20-SOIC SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Semiconductor http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Mitsubishi Electric Semicon... Mitsubishi Electric Sem...
|
|